|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBD T y p e : FSQ05A04B FSQ A04B OULINE DRAWING FEATURES *Similar to TO-220AB Case *Fully Molded Isolation *Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability *Tj=150 C operation Maximum Ratings Rating Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Approx Net Weight: 1.75g Symbol VRRM IO IF(RMS) IFSM Tjw Tstg Ftor 120 5 FSQ05A04B 40 50 Hz half Sine Wave Tc=122C Resistive Load 7.85 50Hz Half Sine Wave ,1cycle Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5 Unit V A A A C C N*m Electrical * Thermal Characteristics Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM VFM Conditions Min. Typ. Max. 5 0.55 5 1.5 Unit mA V C /W C /W Tj= 25C, VRM= VRRM Tj= 25C, IFM= 5 A Rth(j-c) Junction to Case Rth(c-f) Cace to Fin FSQ_A_B OUTLINE DRAWING (Dimensions in mm) FORWARD CURRENT VS. VOLTAGE FSQ05A04/FSQ05A04B 20 INSTANTANEOUS FORWARD CURRENT (A) 10 5 2 Tj=25C Tj=150C 1 0.5 0 0.2 0.4 0.6 0.8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD POWER DISSIPATION FSQ05A04/FSQ05A04B D.C. 5 AVERAGE FORWARD POWER DISSIPATION (W) 4 RECT 180 HALF SINE WAVE RECT 120 3 RECT 60 2 1 0 0 2 4 6 8 AVERAGE FORWARD CURRENT (A) PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE Tj= 150 C 200 FSQ05A04/FSQ05A04B PEAK REVERSE CURRENT (mA) 100 50 0 10 20 30 40 PEAK REVERSE VOLTAGE (V) AVERAGE REVERSE POWER DISSIPATION FSQ05A04/FSQ05A04B D.C. 8 AVERAGE REVERSE POWER DISSIPATION (W) 7 6 5 4 RECT 300 RECT 240 RECT 180 3 HALF SINE WAVE 2 1 0 0 10 20 30 40 REVERSE VOLTAGE (V) 0 180 CONDUCTION ANGLE AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE V RM =40 V FSQ05A04/FSQ05A04B D.C. 8 AVERAGE FORWARD CURRENT (A) 6 RECT 180. HALF SINE WAVE RECT 120. 4 RECT 60. 2 0 0 25 50 75 100 125 150 CASE TEMPERATURE (C) SURGE CURRENT RATINGS f=50Hz,Half Sine Wave,Non-Repetitive,No Load 140 FSQ05A04/FSQ05A04B 120 SURGE FORWARD CURRENT (A) 100 80 60 40 I FSM 0.02s 20 0 0.02 0.05 0.1 0.2 0.5 1 2 TIME (s) JUNCTION CAPACITANCE VS. REVERSE VOLTAGE Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue FSQ05A04/FSQ05A04B 1000 JUNCTION CAPACITANCE (pF) 500 200 100 0.5 1 2 5 10 20 50 REVERSE VOLTAGE (V) |
Price & Availability of FSQ05A04B |